PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BC172TAPE-REEL BC172ATAPE-REEL 2SC3199 2SC3355 MPS |
150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2N7002KL-TR1 BS170KL-TR1-E3 |
TRANSISTOR 470 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92, ROHS COMPLIANT, TO-18, 3 PIN, FET General Purpose Small Signal
|
Vishay社区 Vishay Siliconix
|
BSP317P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-223, RDSon = 4 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
SP0610 SP0610T Q67000-S088 |
From old datasheet system SIPMOS Small-Signal Transistor 130 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
SI4864DY-T1-GE3 |
TRANSISTOR 17000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2SA0777 2SA777 2SA07772SA777 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires
|
Panasonic
|
2SD1119 |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires
|
Panasonic
|
|